Part Number Hot Search : 
BR1005 T91SAM7 00222 78L05 FR1003 DS128406 KPS2801 141031
Product Description
Full Text Search
 

To Download TO-1217LN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LOW-NOISE AMPLIFIERS
BROADBAND, LINEAR 0.1 to 2700 MHz
50
AMP
MAN
ZFL
TO
ZEL
up to +16 dBm output
FREQ. (MHz) MODEL NO.
AMP-15 AMP-75 AMP-76 AMP-77 MAN-1LN** MAN-1HLN ZFL-500HLN ZFL-500LN* ZFL-1000LN fL-f U 5-1000 5-500 5-500 5-500 0.5-500 10-500 10-500 0.1-500 0.1-1000
NF (dB)
GAIN (dB)
Flatness
MAXIMUM POWER (dBm)
Output (1 dB Comp.) +8 +12 +13.5 +16 +7 +15 +16 +5 +3 Input (no damage) +13 +13 +6 +13 +15 +15 +15 +5 +5
INTERCEPT POINT (dBm)
IP3 Typ. +22 +28 +28 +32 +18 +30 +30 +14 +14
VSWR Typ.
DC POWER
Volt Current (V) (mA) 15 15 15 15 12 12 15 15 15 29 29 68 56 60 70 110 60 60
CASE STYLE
Typ. 2.8 2.4 3.1 3.3 3.0 3.7 3.8 2.9 2.9
Min. 13 19 26 15 28 10 19 24 20
m 0.6 0.4 0.7 0.4 0.5 0.5 -- -- --
Max. 1.2 1.0 1.0 1.0 1.4 0.8 0.4 0.5 0.5
In 2:1 2:1 2:1 2:1 1.8:1 1.8:1 2:1 1.5:1 1.5:1
Out 2:1 2:1 2:1 2:1 1.8:1 1.8:1 2:1 1.6:1 2:1
Note B PP120 PP120 PP120 PP120 A05 A06 Y460 Y460 Y460
C O N N E C T I O N
PRICE $
Qty. (1-9) 49.95 49.95 78.95 55.95 19.95 19.95 99.95 79.95 89.95
cd cd cd cd cc cc -- -- --
m = mid range [2 fL to fU/2]
features
l l l l l l l
very low noise ideal for printed-circuit designs (AMP,MAN & TO series) high dynamic range (ZHL- HLN & ZQL series) smooth response over entire band, no external resonances low impedance, less susceptible to EMI easy to use, 50 ohm input/output all models are cascadable
NOTES:
* ** v B. C. D. 1. 2. 3. 4. VSWR 1.6:1 maximum from 0.1 to 0.2 MHz. Also available with BNC connectors. Below 5 MHz, 1 dB compression point decreases to 6.5 dBm. Available only with SMA connectors Connector types and case mounted options, case finishes are given in section 0, see "Case styles & outline drawings". Prices and specifications subject to change without notice. For Quality Control Procedures see Table of Contents, Section 0, "Mini-Circuits Guarantees Quality" article. For Environmental Specifications see Amplifier Selection Guide. Absolute maximum power, voltage and current rating: 1a. AMP models, 17V DC. 1b. MAN models, 12.5V DC. 1c. ZQL models, 17V DC. Open load is not recommended, potentially can cause damage. With no load, derate max input power by 20 dB. ZEL and TO models, NF specified at room temperature, increases to 2 dB typical at +85 deg.C. ZHL models, NF specified at room temperature, increases to 2.3 dB maximum at +65 deg.C.
NSN GUIDE
MCL NO. AMP-15 AMP-75 AMP-77 ZFL-1000LN NSN 5895-01-350-9550 5895-01-350-9551 5895-01-350-9549 5996-01-412-3031
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417 335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
172
ISO 9001 CERTIFIED
020710
(R)
Plug-In & Coaxial
ZQL
ZHL-case S32
ZHL-case NN92
up to +27 dBm output
FREQ. (MHz) MODEL NO.
TO-1217LN TO-1724LN v ZEL-0812LN v ZEL-1217LN v ZEL-1724LN v ZHL-0812MLN v ZHL-1217MLN v ZHL-1724MLN v ZHL-0812HLN v ZHL-1217HLN v ZHL-1724HLN fL-f U 1200-1700 1700-2400 800-1200 1200-1700 1700-2400 800-1200 1200-1700 1700-2400 800-1200 1200-1700 1700-2400
NF (dB)
GAIN (dB)
Flatness Max. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM POWER (dBm)
Output (1 dB Comp.) Typ. +10 +10 +8 +10 +10 +20 +20 +20 +26 +26 +26 Input (no damage) +13 +13 +13 +13 +13 0 0 0 +10 +10 +10
INTERCEPT POINT (dBm)
IP3 Typ. +25 +22 +18 +25 +22 +33 +34 +32 +36 +36 +36
VSWR Max.
DC POWER
Volt Current (V) (mA) 15 15 15 15 15 15 15 15 15 15 15 70 70 70 70 70 300 300 300 725 725 725
CASE STYLE
Max. 1.6 1.6 1.5 1.5 1.5 1.6 1.5 1.5 1.5 1.5 1.5
Min. 20 20 20 20 20 28 30 28 30 30 30
In 2.5:1 2.5:1 2.5:1 2.5:1 2.5:1 2.5:1 2.5:1 2.5:1 2.4:1 2.4:1 2.4:1
Out 2.5:1 2.5:1 2.5:1 2.5:1 2.5:1 2.5:1 2.5:1 2.5:1 2.4:1 2.4:1 2.4:1
Note B QQ96 QQ96 EEE132 EEE132 EEE132 S32 S32 S32 NN92 NN92 NN92
C O N N E C T I O N
PRICE $
Qty. (1-9)
ce 199.00 ce 199.00 -- -- -- -- -- -- -- -- -- 274.95 274.95 274.95 295.00 295.00 295.00 399.50 399.50 399.50
Typ.
ZQL-900LNW ZQL-900LN ZQL-1900LNW ZQL-1900LN 800-900 824-849 1700-2000 1850-1910 1.6 1.3 1.6 1.5 1.7 1.5 1.6 1.5 1.3 1.5 13 15 14 15 22 25.5 23 25 25 25 1.6 0.5 1.8 0.5 2.2 0.5 2.0 0.7 1.0 2.3 +21 +21 +18.5 +19 +23 +24.5 +25 +26 +25 +25 +10 +10 +10 +10 +3 +3 +3 +3 +3 +3 +35 +35 +37 +37 +41 +41 +41 +41 +38 +38 1.2:1 1.2:1 1.15:1 1.15:1 1.3:1 1.3:1 1.4:1 1.25:1 1.25:1 1.25:1 1.1:1 1.1:1 1.25:1 1.25:1 1.4:1 1.4:1 1.25:1 1.2:1 1.15:1 1.15:1 15 15 15 15 15 15 15 15 15 15 160 160 160 160 230 230 310 310 325 325 CW686 CW686 CW686 CW686 CW686 CW686 CW686 CW686 CW686 -- -- -- -- -- -- -- -- -- 229.00 229.00 249.00 249.00 249.00 249.00 265.00 265.00 281.95
ZQL-900MLNW 800-900 ZQL-900MLN 824-849 ZQL-1900MLNW 1800-2000 ZQL-1900MLN 1850-1910 NEW ZQL-2700MLNW 2200-2400 2200-2700
pin connections
PORT RF IN RF OUT DC CASE GND NOT USED cc 1 8 5 2,3,4,6 7 cd 2 4 1 3 -- ce 5 11 2 1,3,4,6,7,8,9,10,12 --
The Design Engineers Search Engine
Provides Actual Data Instantly At: http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models Consult Our Applications Dept. 173
020710


▲Up To Search▲   

 
Price & Availability of TO-1217LN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X